PART |
Description |
Maker |
MAX1320ECM MAX1316ECM MAX1317ECM MAX1324ECM MAX132 |
Dual 8-Bit To 9-Bit Parity Bus Transceivers 56-SSOP -40 to 85 18-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products, Inc. ADC
|
IDT74ALVCH16903 |
3.3V CMOS 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER, DUAL 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
MC10H304 MC10H304FN MC10H304L MC10H304P |
8-BIT/DUAL 4-BIT PARITY CHECKER
|
Motorola, Inc
|
74ABT16646CMTD 74ABT16646CSSC 74ABT16646 74ABT1664 |
Dual 8-bit Bus Transceiver ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 16-Bit Transceivers and Registers with 3-STATE Outputs 16位收发器和寄存器3态输
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AD7244AQ AD7244JN AD7244JR AD7244SQ3 AD7242BQ AD72 |
CMOS, Dual, Complete 12-Bit Serial DACPORT TM LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs DUAL, SERIAL INPUT LOADING, 2 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs LC2MOS双,完整2-Bit/14-Bit串行数模转换 LC2MOS Dual/ Complete/ 12-Bit/14-Bit Serial DACs XTAL PLAS SMT 13X5 4PAD
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
MCM62110FN17 MCM62110FN15 MCM62110FN20 MCM62110 |
32K x 9 Bit Synchronous Dual I/O or Separate I/O Fast Static RAM with Parity Checker
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
74ABT853 74ABT853D 74ABT853DB 74ABT853N 74ABT853PW |
8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74ALVT16899 74ALVT16899DGG AV16899DL AV16899DGG |
2.5V/3.3V 18-bit latched transceiver with 16-bit parity generator/checker 3-State
|
PHILIPS[Philips Semiconductors]
|
SSTUA32866EC-G |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
NXP Semiconductors
|
SSTUP32866EC_G SSTUP32866EC_S SSTUP32866EC/G SSTUP |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity and programmable output for DDR2-800 RDIMMs
|
NXP Semiconductors
|
ADG3247BRU-U1 ADG3247BCP-U1 ADG3247BCP-REEL7 |
2.5 V/3.3 V, 16 Bit (Dual 8 Bit) , 2 Port Level Translator, Bus Switch
|
Analog Devices
|